| Moteur de recherche de fiches techniques de composants électroniques |
|
ST1G3236DTR Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST1G3236DTR Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 19 page ![]() ST1G3236 Electrical characteristics 9/19 VOHB High level output voltage 1.2 to 3.6V VCCB to 3.6V IO=- 100 μA VCCB- 0.2 VCCB -0.2 V 3.0 IO=- 10mA 2.5 2.5 2.3 IO=-6mA 1.8 1.8 1.65 IO=-4mA 1.25 1.25 1.4 IO=-2mA 1.1 1.1 1.2 IO=-1mA 0.95 0.95 VOLB Low level output voltage 1.2 to 3.6V VCCB to 3.6V IO=- 100 μA 0.2 0.2 V 3.0 IO=- 10mA 0.55 0.55 2.3 IO=-6mA 0.40 0.40 1.65 IO=-4mA 0.40 0.40 1.4 IO=-2mA 0.30 0.30 1.2 IO=-1mA 0.25 0.25 IIB Input leakage current 2.7 3.3 VIB =VCC or GND ± 0.5 ± 5 μA 1.4 2.7 VIB =3.6V or GND ± 0.5 ± 5 μA ICCtB Quiescent supply current 1.2 to VCCA 1.2 to 3.6 VIA=VCC A or GND VIB=VCC B or GND DIR =B to A 0.5 5 μA ΔICCtB Maximum quiescent supply current/input (B1, DIR) 2.7 3.3 VIB =VCCB to 0.6V VIA =VCCB or GND --- 0.75 μA 1.8 3.3 --- 1.8 2.7 --- Table 6. DC specification for VCCB (continued) Symbol Parameter Test condition Value Unit VCCB (V) VCCA (V) TA = 25 °C -40 to 85 °C Min Max Min Max |