Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB62 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce USB62
Description  Data line protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB62 Fiches technique(HTML) 6 Page - STMicroelectronics

  USB62 Datasheet HTML 1Page - STMicroelectronics USB62 Datasheet HTML 2Page - STMicroelectronics USB62 Datasheet HTML 3Page - STMicroelectronics USB62 Datasheet HTML 4Page - STMicroelectronics USB62 Datasheet HTML 5Page - STMicroelectronics USB62 Datasheet HTML 6Page - STMicroelectronics USB62 Datasheet HTML 7Page - STMicroelectronics USB62 Datasheet HTML 8Page - STMicroelectronics USB62 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Telecom and datacom applications
USB6B1
6/9
3
Telecom and datacom applications
Figure 7.
ISDN U interface protection
Figure 8.
T1 / E1 Line Card Protection.
Figure 9.
High Speed Line Driver / Receiver Protection
USB6Bx
3* SMP100
DC Power
Source
LT
RTIP
USB6B1
USB6B1
RRING
TTIP
TRING
SMP75-8 or SMP100-8
SMP75-8 or SMP100-8
DRIVER
SM6T6V8A
USB6B1
INPUT
+5V
RECEIVER
SM6T6V8A
USB6B1
OUTPUT
+5V



Html Pages

1 2 3 4 5 6 7 8 9