Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPIC6C595 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STPIC6C595
Description  Power logic 8-bit shift register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPIC6C595 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STPIC6C595 Datasheet HTML 12Page - STMicroelectronics STPIC6C595 Datasheet HTML 13Page - STMicroelectronics STPIC6C595 Datasheet HTML 14Page - STMicroelectronics STPIC6C595 Datasheet HTML 15Page - STMicroelectronics STPIC6C595 Datasheet HTML 16Page - STMicroelectronics STPIC6C595 Datasheet HTML 17Page - STMicroelectronics STPIC6C595 Datasheet HTML 18Page - STMicroelectronics STPIC6C595 Datasheet HTML 19Page - STMicroelectronics STPIC6C595 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Package mechanical data
STPIC6C595
16/22
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22