Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CP596MTR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STP16CP596MTR
Description  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596MTR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STP16CP596MTR Datasheet HTML 18Page - STMicroelectronics STP16CP596MTR Datasheet HTML 19Page - STMicroelectronics STP16CP596MTR Datasheet HTML 20Page - STMicroelectronics STP16CP596MTR Datasheet HTML 21Page - STMicroelectronics STP16CP596MTR Datasheet HTML 22Page - STMicroelectronics STP16CP596MTR Datasheet HTML 23Page - STMicroelectronics STP16CP596MTR Datasheet HTML 24Page - STMicroelectronics STP16CP596MTR Datasheet HTML 25Page - STMicroelectronics STP16CP596MTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
9 Package mechanical data
STP16CP596
22/26
Table 12.
SO-24 Mechanical data
Ref
mm
inch
Min
Typ
Max
Min
Typ
Max
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45°(typ.)
D
15.20
15.60
0.598
0.614
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
13.97
0.550
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
S
°(max.) 8
Figure 21. SO-24 Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26