Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CP596M Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STP16CP596M
Description  Low voltage 16-Bit, constant current LED sink driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP596M Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STP16CP596M Datasheet HTML 4Page - STMicroelectronics STP16CP596M Datasheet HTML 5Page - STMicroelectronics STP16CP596M Datasheet HTML 6Page - STMicroelectronics STP16CP596M Datasheet HTML 7Page - STMicroelectronics STP16CP596M Datasheet HTML 8Page - STMicroelectronics STP16CP596M Datasheet HTML 9Page - STMicroelectronics STP16CP596M Datasheet HTML 10Page - STMicroelectronics STP16CP596M Datasheet HTML 11Page - STMicroelectronics STP16CP596M Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
2 Equivalent circuit of inputs and outputs
STP16CP596
8/26
2.2
Timing diagram
Note:
Note: The latches circuit holds data when the LE terminal is Low.
When the LE terminal is at High level, latch circuit doesn’t hold the data it passes from the input
to the output.
When the OE terminal is at Low level, output terminals OUT0 to OUT15 respond to the data,
either ON or OFF.
When the OE terminal is at High level, it switches off all the data on the output terminal.
Figure 7.
Timing diagram - normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26