Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP08CP05 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STP08CP05
Description  Low voltage, low current power 8-bit shift register
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CP05 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STP08CP05 Datasheet HTML 16Page - STMicroelectronics STP08CP05 Datasheet HTML 17Page - STMicroelectronics STP08CP05 Datasheet HTML 18Page - STMicroelectronics STP08CP05 Datasheet HTML 19Page - STMicroelectronics STP08CP05 Datasheet HTML 20Page - STMicroelectronics STP08CP05 Datasheet HTML 21Page - STMicroelectronics STP08CP05 Datasheet HTML 22Page - STMicroelectronics STP08CP05 Datasheet HTML 23Page - STMicroelectronics STP08CP05 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Package mechanical data
STP08CP05
20/27
Figure 18. DIP-16 mechanical data
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
Plastic DIP-16 (0.25) MECHANICAL DATA
P001C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27