Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP04CM05 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STP04CM05
Description  4-bit constant current power-LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM05 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STP04CM05 Datasheet HTML 7Page - STMicroelectronics STP04CM05 Datasheet HTML 8Page - STMicroelectronics STP04CM05 Datasheet HTML 9Page - STMicroelectronics STP04CM05 Datasheet HTML 10Page - STMicroelectronics STP04CM05 Datasheet HTML 11Page - STMicroelectronics STP04CM05 Datasheet HTML 12Page - STMicroelectronics STP04CM05 Datasheet HTML 13Page - STMicroelectronics STP04CM05 Datasheet HTML 14Page - STMicroelectronics STP04CM05 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STP04CM05
Timing diagrams
11/24
6
Timing diagrams
Figure 7.
Timing diagram
Note:
The latches circuit holds data when the LE terminal is low.
1
When the LE terminal is at a high level, the latch circuit holds the data it passes from the
input to the output.
2
When the OE terminal is at a low level, the output terminals OUT0 to OUT3 respond to the
data, either ON or OFF.
3
When the OE terminal is at a high level, it switches off all the data on the output terminal.
OFF
ON
OFF
ON
OFF
ON
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24