| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPS2272 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPS2272 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() 1 Summary Description STMPS2262 - 2272 2/7 1 Summary Description 1.1 Pin Connection and Description Table 1. Pin Description Figure 1. Connections Diagram PIN N° Symbol Type Name and Function 1 GND Ground 2IN VCC input, 2.7-5.5V 3 EN 1 I Enable for channel 1 4 EN 2 I Enable for channel 2 5 OC2 O Open drain output for fault indication of channel 2 6 OUT2 - Output of channel 2 7 OUT1 - Output of channel 1 8 OC1 O Open drain output for fault indiacation of channel 1 |