| Moteur de recherche de fiches techniques de composants électroniques |
|
STMEC001 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMEC001 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 19 page ![]() Electrical characteristics STMEC001 12/19 Table 9. Undervoltage lockout (UVLO) Symbol Parameter Test condition Min Typ Max Unit UVLO VIN_3.3 UVLO VIN_3.3 level, below which VIN_3.3 and VIN_1.5 switches are off 2.6 2.9 V VIN_1.5 UVLO VIN_1.5 level, below which VIN_3.3 and VIN_1.5 switches are off 11.25 V VIN_3.3 VAUX UVLO VIN_3.3VAUX level, below which sets the device into OFF state 2.6 2.9 V UVLO hysteresis 100 mV |