Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG6684 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STG6684
Description  High isolation dual SPDT analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6684 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STG6684 Datasheet HTML 14Page - STMicroelectronics STG6684 Datasheet HTML 15Page - STMicroelectronics STG6684 Datasheet HTML 16Page - STMicroelectronics STG6684 Datasheet HTML 17Page - STMicroelectronics STG6684 Datasheet HTML 18Page - STMicroelectronics STG6684 Datasheet HTML 19Page - STMicroelectronics STG6684 Datasheet HTML 20Page - STMicroelectronics STG6684 Datasheet HTML 21Page - STMicroelectronics STG6684 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Package mechanical data
STG6684
18/24
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 14.
QFN10L (1.8 x 1.4 mm) package outline
7936408 Rev.D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24