Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLVD210BFR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STLVD210BFR
Description  DIFFERENTIAL LVDS CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD210BFR Fiches technique(HTML) 8 Page - STMicroelectronics

  STLVD210BFR Datasheet HTML 1Page - STMicroelectronics STLVD210BFR Datasheet HTML 2Page - STMicroelectronics STLVD210BFR Datasheet HTML 3Page - STMicroelectronics STLVD210BFR Datasheet HTML 4Page - STMicroelectronics STLVD210BFR Datasheet HTML 5Page - STMicroelectronics STLVD210BFR Datasheet HTML 6Page - STMicroelectronics STLVD210BFR Datasheet HTML 7Page - STMicroelectronics STLVD210BFR Datasheet HTML 8Page - STMicroelectronics STLVD210BFR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STLVD210
8/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
9.5
9.7
0.374
0.382
Bo
9.5
9.7
0.374
0.382
Ko
2.1
2.3
0.083
0.091
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TQFP32 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9