Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC48F4400P0PB0 Fiches technique(PDF) 32 Page - Numonyx B.V

No de pièce PC48F4400P0PB0
Description  Numonyx Wireless Flash Memory (W18)
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC48F4400P0PB0 Fiches technique(HTML) 32 Page - Numonyx B.V

Back Button PC48F4400P0PB0 Datasheet HTML 28Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 29Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 30Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 31Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 32Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 33Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 34Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 35Page - Numonyx B.V PC48F4400P0PB0 Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
Numonyx™ Wireless Flash Memory (W18)
Datasheet
November 2007
32
Order Number: 290701-18
Numonyx™ Wireless Flash Memory (W18)
Notes:
1.
Section 14.2, “First Access Latency Count (RCR[13:11])” on page 79 describes how to insert clock
cycles during the initial access.
2.
WAIT (shown asserted; RCR[10]=0) can be configured to assert either during, or one data cycle before, valid data.
3.
This waveform illustrates the case in which an x-word burst is initiated to the main array and it is terminated by a CE# de-
assertion after the first word in the burst. If this access had been done to Status, ID, or Query reads, the asserted (low)
WAIT signal would have remained asserted (low) as long as CE# is asserted (low).
Figure 9: Single Synchronous Read-Array Operation Waveform
R12
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More