Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFPC320 Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce STFPC320
Description  Front panel controller/driver with standby power management and real-time clock
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFPC320 Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button STFPC320 Datasheet HTML 56Page - STMicroelectronics STFPC320 Datasheet HTML 57Page - STMicroelectronics STFPC320 Datasheet HTML 58Page - STMicroelectronics STFPC320 Datasheet HTML 59Page - STMicroelectronics STFPC320 Datasheet HTML 60Page - STMicroelectronics STFPC320 Datasheet HTML 61Page - STMicroelectronics STFPC320 Datasheet HTML 62Page - STMicroelectronics STFPC320 Datasheet HTML 63Page - STMicroelectronics STFPC320 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
Remote control protocols
STFPC320
60/78
15.6.2
Matsushita in RAW format
In the raw form, the data is sent in the same way as it is received for each RC protocol
except that the header is not transmitted on SDA. If a valid SYN pulse is detected, it is
represented by a bit ‘1’. So a first bit with value ‘1’ implies that the data following it is a valid
raw format RC data. So for the above example for Matsushita protocol, the data on SDA pin
in raw-format will be as in Figure 39.
Figure 39.
Matsushita data structure in raw format
Data code
6-bit
Custom code
5-bit
LSB
MSB
LSB
MSB
LSB
LSB
MSB
MSB
Inverted Custom
code 5-bit
Inverted Data
code 6-bit
Sent first on SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78