Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX16240TTR Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce 74LCX16240TTR
Description  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX16240TTR Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button 74LCX16240TTR Datasheet HTML 7Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 8Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 9Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 10Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 11Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 12Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 13Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 14Page - STMicroelectronics 74LCX16240TTR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
74LCX16240
Package mechanical data
13/15
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
8.7
8.9
0.343
0.350
Bo
13.1
13.3
0.516
0.524
Ko
1.5
1.7
0.059
0.067
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP48 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15