Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5444 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STLC5444 Datasheet HTML 4Page - STMicroelectronics STLC5444 Datasheet HTML 5Page - STMicroelectronics STLC5444 Datasheet HTML 6Page - STMicroelectronics STLC5444 Datasheet HTML 7Page - STMicroelectronics STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics STLC5444 Datasheet HTML 10Page - STMicroelectronics STLC5444 Datasheet HTML 11Page - STMicroelectronics STLC5444 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
tAHRH
tCLRL (Note 1)
tRHCH (Note 2)
tRLRH
tASRL
tRHRL
tRLDA
tRHDZ
Read Data
DATA
RD
CS
AO
ALE
D97TL301A
tADDA
Figure 1a: Microprocessor Read Timing non multiplexed mode.
Notes:
1 - If tCLRL is negative, tRHRL,tRLRH,tAZRL, and tRLDA are measured from CS rather than RD.
2 - If tRHCH is negative, tRHRL,tRLRH and tRHDZ are measured from CS rather than RD.
When a read from the LER immediately follows a write to the LER a minimum of 1
µs is required between these operations.
tASWL
tCLWL (Note 1)
tWHCH (Note 2)
tWLWH
tWHWL
tDAWH
tWHDZ
Write Data
DATA
WR
CS
AO
ALE
D97TL302A
INT
(Note 3)
tAHWH
Figure 2a: Microprocessor Write Timing non multiplexed mode.
Notes:
1 - If tCLWL is negative tWHWL and tWLWH are measured from CS rather than WR.
2 - If tWHCH is negative, tWHWL,tWLWH,tDAWH and tWHDZ are measured from CS rather than WR.
The propagation delay from the writing of the T/I bit to the effect on the INT pin is approximately 1
µs for both mask and enable operations.
STLC5444
8/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17