Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16244 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce 74ACT16244
Description  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT16244 Fiches technique(HTML) 8 Page - STMicroelectronics

  74ACT16244 Datasheet HTML 1Page - STMicroelectronics 74ACT16244 Datasheet HTML 2Page - STMicroelectronics 74ACT16244 Datasheet HTML 3Page - STMicroelectronics 74ACT16244 Datasheet HTML 4Page - STMicroelectronics 74ACT16244 Datasheet HTML 5Page - STMicroelectronics 74ACT16244 Datasheet HTML 6Page - STMicroelectronics 74ACT16244 Datasheet HTML 7Page - STMicroelectronics 74ACT16244 Datasheet HTML 8Page - STMicroelectronics 74ACT16244 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
74ACT16244
8/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
8.7
8.9
0.343
0.350
Bo
13.1
13.3
0.516
0.524
Ko
1.5
1.7
0.059
0.067
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP48 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9