Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT161M Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce 74ACT161M
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT161M Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button 74ACT161M Datasheet HTML 5Page - STMicroelectronics 74ACT161M Datasheet HTML 6Page - STMicroelectronics 74ACT161M Datasheet HTML 7Page - STMicroelectronics 74ACT161M Datasheet HTML 8Page - STMicroelectronics 74ACT161M Datasheet HTML 9Page - STMicroelectronics 74ACT161M Datasheet HTML 10Page - STMicroelectronics 74ACT161M Datasheet HTML 11Page - STMicroelectronics 74ACT161M Datasheet HTML 12Page - STMicroelectronics 74ACT161M Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74ACT161
10/13
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e2.54
0.100
e3
17.78
0.700
F7.1
0.280
I5.1
0.201
L3.3
0.130
Z1.27
0.050
P001C
Plastic DIP-16 (0.25) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13