Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT161 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce 74ACT161
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT161 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button 74ACT161_01 Datasheet HTML 3Page - STMicroelectronics 74ACT161_01 Datasheet HTML 4Page - STMicroelectronics 74ACT161_01 Datasheet HTML 5Page - STMicroelectronics 74ACT161_01 Datasheet HTML 6Page - STMicroelectronics 74ACT161_01 Datasheet HTML 7Page - STMicroelectronics 74ACT161_01 Datasheet HTML 8Page - STMicroelectronics 74ACT161_01 Datasheet HTML 9Page - STMicroelectronics 74ACT161_01 Datasheet HTML 10Page - STMicroelectronics 74ACT161_01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74ACT161
7/13
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1: PROPAGATION DELAYS, COUNT MODE (f=1MHz; 50% duty cycle)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
fIN = 10MHz
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13