| Moteur de recherche de fiches techniques de composants électroniques |
|
74ACT32 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74ACT32 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 8 page ![]() 74ACT32 2/8 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS 1) VIN from 0.8V to 2.0V PIN No SYMBOL NAME AND FUNCTION 1, 4, 9, 12 1A to 4A Data Inputs 2, 5, 10, 13 1B to 4B Data Inputs 3, 6, 8, 11 1Y to 4Y Data Outputs 7 GND Ground (0V) 14 VCC Positive Supply Voltage ABY LLL LH H HL H HH H Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current ± 200 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1) 8 ns/V |