Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD4235G2-12B81 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce PSD4235G2-12B81
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12B81 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button PSD4235G2-12B81 Datasheet HTML 35Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 36Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 37Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 38Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 39Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 40Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 41Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 42Page - STMicroelectronics PSD4235G2-12B81 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
39/89
PSD4235G2
Figure 18. Handshaking Communication Using Input Macrocells
MASTER
MCU
MCU-RD
MCU-RD
MCU-WR
SLAVE – WR
SLAVE – CS
MCU-WR
D [ 7:0]
D [ 7:0]
CPLD
DQ
QD
PORT A
DATA OUT
REGISTER
PORT A
INPUT
MACROCELL
PORT A
SLAVE – READ
SLAVE
MCU
RD
WR
AI02877C
PSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89