Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH71CD Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce TSH71CD
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH71CD Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button TSH71CD Datasheet HTML 25Page - STMicroelectronics TSH71CD Datasheet HTML 26Page - STMicroelectronics TSH71CD Datasheet HTML 27Page - STMicroelectronics TSH71CD Datasheet HTML 28Page - STMicroelectronics TSH71CD Datasheet HTML 29Page - STMicroelectronics TSH71CD Datasheet HTML 30Page - STMicroelectronics TSH71CD Datasheet HTML 31Page - STMicroelectronics TSH71CD Datasheet HTML 32Page - STMicroelectronics TSH71CD Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
TSH70,71,72,73,74,75
Package Mechanical Data
31/33
6.7
SOT23-5 Package
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.0
5.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
e.95
37.4
e1
1.9
74.8
L
0.35
0.55
13.7
21.6
SOT23-5L MECHANICAL DATA
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33