Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH110 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce TSH110
Description  Wide band low noise operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH110 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button TSH110 Datasheet HTML 7Page - STMicroelectronics TSH110 Datasheet HTML 8Page - STMicroelectronics TSH110 Datasheet HTML 9Page - STMicroelectronics TSH110 Datasheet HTML 10Page - STMicroelectronics TSH110 Datasheet HTML 11Page - STMicroelectronics TSH110 Datasheet HTML 12Page - STMicroelectronics TSH110 Datasheet HTML 13Page - STMicroelectronics TSH110 Datasheet HTML 14Page - STMicroelectronics TSH110 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
Package information
13/15
4.5
SOT23-5 package mechanical data
Figure 5.
SOT23-5 package (Inches)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0.00
0.15
0.00
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.02
C
0.09
0.20
0.003
0.008
D
2.80
3.00
0.110
0.118
H
2.60
3.00
0.102
0.118
E
1.50
1.75
0.059
0.069
e
0.95
0.037
e1
1.9
0.075
L
0.35
0.55
0.014
0.022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15