| Moteur de recherche de fiches techniques de composants électroniques |
|
TSH94ID Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH94ID Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 19 page ![]() TSH94 Application information 11/19 Figure 20. Video line transceiver with remote control Printed circuit layout recommendations As for any high frequency device, a few rules must be observed when designing the PCB to get the best performance from this high-speed op-amp. Some recommendations are listed below, from the most important to the least important: ● By-pass each power supply lead to ground with a 10 μF capacitor and a 10nF ceramic capacitor very close to the device. ● To provide low inductance and low resistance common return, use a ground plane or common point return for power and signal. ● Make sure all leads are wide and as short as possible, especially for op-amp inputs. This is to decrease parasitic capacitance and inductance. ● Use small resistor values to decrease the time constant with parasitic capacitance. ● Choose component sizes as small as possible (SMD). ● On the output, keep the capacitor load as low as possible to avoid oscillation which would degrade the circuit stability. You can also add a serial resistor in order to minimise the effect of the capacitor load. |