Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1512 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STLC1512
Description  NorthenLiter (PG.lite BiCMOS Analog Front-End Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1512 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STLC1512 Datasheet HTML 7Page - STMicroelectronics STLC1512 Datasheet HTML 8Page - STMicroelectronics STLC1512 Datasheet HTML 9Page - STMicroelectronics STLC1512 Datasheet HTML 10Page - STMicroelectronics STLC1512 Datasheet HTML 11Page - STMicroelectronics STLC1512 Datasheet HTML 12Page - STMicroelectronics STLC1512 Datasheet HTML 13Page - STMicroelectronics STLC1512 Datasheet HTML 14Page - STMicroelectronics STLC1512 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
STLC1512
4.4 Amplifier Performance Specification
The two amplifiers on the STLC1512 are identical. One of them is used for the second order active low pass
filter that follows the PGA in the receive path. The other is an undedicated opamp that can be used either in the
transmit or receive paths.
The LPF amplifier is powered from the RXVCC supply and is therefore intended to be used in the receive path.
It has its positive terminal tied to the receive AC ground (RXANG) on chip.
The undedicated op amp is powered from TXVCC. It is intended for use in the transmit path but could be used
in the receive path. Using it in the receive path may cause receive noise to be coupled into the transmit path.
There should not be an issue with transmit noise coupling into the receive path in either configuration.
Figure 4. Power Supply Rejection of the PGA
1
<1>These curves represent typical performance. 6dB of margin is required for worst case.
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26