| Moteur de recherche de fiches techniques de composants électroniques |
|
TSH93 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH93 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() Absolute maximum ratings and operating conditions TSH93 2/13 1 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings (AMR) Symbol Parameter Value Unit VCC Supply voltage (1) 1. All voltage values, except differential voltage are with respect to network ground terminal. 14 V Vid Differential input voltage (2) 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. ±5 V Vi Input voltage (3) 3. The magnitude of input and output voltages must never exceed VCC + +0.3V. -0.3 to 12 V Toper Operating free-air temperature range -40 to +125 °C Tstg Storage temperature range -65 to +150 °C ESD CDM: charged device model(4) HBM: human body model(5) MM: machine model(6) 4. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. 5. Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 6. Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating 1.5 2 200 kV kV V Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 7 to 12 V Vic Common mode input voltage range VCC - +2 to V CC + -1 V |