| Moteur de recherche de fiches techniques de composants électroniques |
|
TS507CLT Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS507CLT Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 20 page ![]() TS507 Electrical characteristics 13/20 Figure 19. Gain margin according the output load, at VCC=5V and T=25°C Figure 20. Phase margin according the output load, at VCC=5V and T=25°C 1 10 100 1k 10k 100k 1M 10M 1E-12 1E-11 1E-10 1E-9 1E-8 1E-7 1E-6 30 dB 20 dB 10 dB V cc = 5 V V icm = 2,5 V T amb = 25 °C 0 dB UNSTABLE STABLE Load Resistor ( Ω) 1 10 100 1k 10k 100k 1M 10M 1E-12 1E-11 1E-10 1E-9 1E-8 1E-7 1E-6 50 ° 40 ° 30 ° 20 ° 10 ° V cc = 5 V V icm = 2,5 V T amb = 25 °C 0 ° UNSTABLE STABLE Load Resistor ( Ω) Figure 21. Gain margin vs. output current, at VCC=5V and T=25°C Figure 22. Phase margin vs. output current, at VCC=5V and T=25°C -4 -4 -3 -2 -2 -1 0 012 23 4 4 -2.5 0.0 0.0 2.5 5.0 5.0 7.5 10.0 10.0 12.5 15.0 15.0 17.5 20.0 20.0 R ecom m ended area V cc = 5 V V icm = 2,5 V T am b = 25 °C R L = 2 k Ω 550 pF 300 pF 100 pF O utput Current (m A) -4 -4 -3 -2 -2 -1 0 01 2 23 4 4 -1 0 0 0 10 20 20 30 40 40 50 60 60 70 R ecom m e nded a rea 10 0 pF 30 0 pF 5 50 pF V cc = 5 V V icm = 2,5 V T am b = 25 °C R L = 2 k Ω O u tput C u rrent (m A) Figure 23. Phase and gain margins vs capacitive load at = 25°C Figure 24. Distortion + noise vs. output voltage 10p 100p 1n 10n -40 -40 -30 -20 -20 -10 0 0 10 20 20 30 -100 -75 -50 -25 0 25 50 75 V cc = 5 V V icm = 2,5 V T amb = 25 °C R L = 2 k Ω Phase Margin Gain Margin Load Capacitor (F) 0.01 0.1 1 0.0001 0.0010 0.0100 0.1000 f=1kHz Rl=2kO hm s Gain=1 BW =22kHz Vicm =(Vcc-1V)/2 Vcc=5V Vcc=3.3V Vcc=2.7V Output Voltage (Vpp) |