| Moteur de recherche de fiches techniques de composants électroniques |
|
TS393ID Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS393ID Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() TS393 Absolute maximum ratings 3/12 Table 2. Operating conditions Symbol Parameter Value Unit VCC + Supply voltage TS393C, TS393I 2.7 to 16 V Vicm Common mode input voltage range Tmin ≤ Tamb ≤ Tmax 0 to VCC + -1.5 0 to VCC + - 2 V Toper Operating free-air temperature range TS393C TS393I 0 to +70 -40 to +125 °C |