Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL081CD Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce TL081CD
Description  General purpose JFET single operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081CD Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button TL081CD Datasheet HTML 7Page - STMicroelectronics TL081CD Datasheet HTML 8Page - STMicroelectronics TL081CD Datasheet HTML 9Page - STMicroelectronics TL081CD Datasheet HTML 10Page - STMicroelectronics TL081CD Datasheet HTML 11Page - STMicroelectronics TL081CD Datasheet HTML 12Page - STMicroelectronics TL081CD Datasheet HTML 13Page - STMicroelectronics TL081CD Datasheet HTML 14Page - STMicroelectronics TL081CD Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
TL081
12/15
6.1
DIP 8 package information
Figure 24.
DIP8 package mechanical drawing
Table 4.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15