| Moteur de recherche de fiches techniques de composants électroniques |
|
STKM2000 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STKM2000 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() Filter compiler From the template defined at the beginning up to the complete layout, the software handles automatically the filter synthesis and the layout compilation: q evaluation/mathematical analysis q switched capacitor synthesis q simulation q Monte-Carlo analysis q layout generation Any kind of filters is available from 2nd up to 12th order. Digital cell generator For a set of basic digital cells, the user has access to generators which handle the netlists and interface with the layout tools. The schematic capture uses a block which is pr ogr am ma ble ac cor ding t o t he r equired complexity. The generator creates a “ so-called” soft macrocell taking into account the complete netlist: q counters q shift registers q magnitude comparators, ... A part from the software automation, the A.D.S. CAD tool works around standard softwares. The CAD approach is compatible with both approaches: q VAXTM/VMS operating system q SUNTM/UNIX operating system VAXTM SUNTM Schematic capture CASS EDGE (SILVAR LISCOTM) (CADENCETM) Logic simulation HILO 3 MOZART (GENRADTM) (SGS-THOMSON) Analog simulation ST-SPICE ST-SPICE (SGS-THOMSON) (SGS-THOMSON) Top level simulation SABER SABER (ANALOGYTM) (ANALOGYTM) Layout CALMP (SILVAR LISCOTM) EDGE (CADENCETM) DRC - LVS DRACULA EDGE (CADENCETM) (CADENCETM) ® STKM2000 SERIES 5/10 |