Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB02E Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STUSB02E
Description  USB Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB02E Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STUSB02E Datasheet HTML 12Page - STMicroelectronics STUSB02E Datasheet HTML 13Page - STMicroelectronics STUSB02E Datasheet HTML 14Page - STMicroelectronics STUSB02E Datasheet HTML 15Page - STMicroelectronics STUSB02E Datasheet HTML 16Page - STMicroelectronics STUSB02E Datasheet HTML 17Page - STMicroelectronics STUSB02E Datasheet HTML 18Page - STMicroelectronics STUSB02E Datasheet HTML 19Page - STMicroelectronics STUSB02E Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
STUSB02E
16/20
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20