Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STULPI01BTBR Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce STULPI01BTBR
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01BTBR Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button STULPI01BTBR Datasheet HTML 36Page - STMicroelectronics STULPI01BTBR Datasheet HTML 37Page - STMicroelectronics STULPI01BTBR Datasheet HTML 38Page - STMicroelectronics STULPI01BTBR Datasheet HTML 39Page - STMicroelectronics STULPI01BTBR Datasheet HTML 40Page - STMicroelectronics STULPI01BTBR Datasheet HTML 41Page - STMicroelectronics STULPI01BTBR Datasheet HTML 42Page - STMicroelectronics STULPI01BTBR Datasheet HTML 43Page - STMicroelectronics STULPI01BTBR Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
STULPI01A - STULPI01B
Package mechanical data
41/44
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
3.9
0.154
Bo
3.9
0.154
Ko
1.50
0.059
Po
3.9
4.1
0.154
0.161
P7.98.1
0.311
0.319
Tape & reel TFBGA36 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44