Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STULPI01A Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STULPI01A
Description  High speed USB On-The-Go ULPI transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULPI01A Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STULPI01A Datasheet HTML 21Page - STMicroelectronics STULPI01A Datasheet HTML 22Page - STMicroelectronics STULPI01A Datasheet HTML 23Page - STMicroelectronics STULPI01A Datasheet HTML 24Page - STMicroelectronics STULPI01A Datasheet HTML 25Page - STMicroelectronics STULPI01A Datasheet HTML 26Page - STMicroelectronics STULPI01A Datasheet HTML 27Page - STMicroelectronics STULPI01A Datasheet HTML 28Page - STMicroelectronics STULPI01A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
STULPI01A - STULPI01B
Block description
25/44
6.18.7
High speed mode entry
In high speed mode, the internal 480 MHz clock is generated by the DLL, which must be
calibrated any time device enters high speed mode by writing '00' to the XcvrSel field in the
Function Control register. During the DLL calibration it is not possible to accept any
commands, therefore to avoid any communication problems with the controller the clock on
the ULPI interface is stopped. See Figure 10 for more information.
Figure 8.
Start-up sequence
Figure 9.
RESETn behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44