Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH1R04RL Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STTH1R04RL
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04RL Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STTH1R04RL Datasheet HTML 2Page - STMicroelectronics STTH1R04RL Datasheet HTML 3Page - STMicroelectronics STTH1R04RL Datasheet HTML 4Page - STMicroelectronics STTH1R04RL Datasheet HTML 5Page - STMicroelectronics STTH1R04RL Datasheet HTML 6Page - STMicroelectronics STTH1R04RL Datasheet HTML 7Page - STMicroelectronics STTH1R04RL Datasheet HTML 8Page - STMicroelectronics STTH1R04RL Datasheet HTML 9Page - STMicroelectronics STTH1R04RL Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
STTH1R04
8/10
Figure 18.
Footprint, dimensions in mm (inches)
Table 9.
SMB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62
(0.064) (0.102)
(0.300)
(0.064)
(0.086)



Html Pages

1 2 3 4 5 6 7 8 9 10