Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STOTG04ES Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STOTG04ES
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ES Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STOTG04ES Datasheet HTML 18Page - STMicroelectronics STOTG04ES Datasheet HTML 19Page - STMicroelectronics STOTG04ES Datasheet HTML 20Page - STMicroelectronics STOTG04ES Datasheet HTML 21Page - STMicroelectronics STOTG04ES Datasheet HTML 22Page - STMicroelectronics STOTG04ES Datasheet HTML 23Page - STMicroelectronics STOTG04ES Datasheet HTML 24Page - STMicroelectronics STOTG04ES Datasheet HTML 25Page - STMicroelectronics STOTG04ES Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
STOTG04ES
22/26
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26