Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM7E1 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STM7E1
Description  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STM7E1 Datasheet HTML 8Page - STMicroelectronics STM7E1 Datasheet HTML 9Page - STMicroelectronics STM7E1 Datasheet HTML 10Page - STMicroelectronics STM7E1 Datasheet HTML 11Page - STMicroelectronics STM7E1 Datasheet HTML 12Page - STMicroelectronics STM7E1 Datasheet HTML 13Page - STMicroelectronics STM7E1 Datasheet HTML 14Page - STMicroelectronics STM7E1 Datasheet HTML 15Page - STMicroelectronics STM7E1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package mechanical data
STM7E1
14/16
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
30.4
1.196
Ao
12.25
12.45
0482
0.490
Bo
12.25
12.45
0482
0.490
Ko
2.1
2.3
0.083
0.091
Po
3.9
4.1
0.153
0.161
P
15.9
16.1
0.626
0.639
Tape & reel TQFP64 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16