| Moteur de recherche de fiches techniques de composants électroniques |
|
STCD1020 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCD1020 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 40 page ![]() STCD1020, STCD1030, STCD1040 Application information 13/40 of the STCD1020, STCD1030 and STCD1040. The proper DC voltage is around half of the supply. The connection of the DC-CUT capacitor and bias for the STCD1020, STCD1030 and STCD1040 is only needed when the output of VCTCXO voltage level exceeds the supply of the clock distribution circuit (see Figure 10). Figure 10. Connection of the DC-CUT capacitor and bias ai13957 STCD1020 STCD1030 STCD1040 VCTCXO MCLK OUT VCC R1 R2 DC-CUT 0.1 μF |