Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST485EBD Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ST485EBD
Description  /-15 kV ESD protected, low power RS-485/RS-422 transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EBD Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ST485EBD Datasheet HTML 10Page - STMicroelectronics ST485EBD Datasheet HTML 11Page - STMicroelectronics ST485EBD Datasheet HTML 12Page - STMicroelectronics ST485EBD Datasheet HTML 13Page - STMicroelectronics ST485EBD Datasheet HTML 14Page - STMicroelectronics ST485EBD Datasheet HTML 15Page - STMicroelectronics ST485EBD Datasheet HTML 16Page - STMicroelectronics ST485EBD Datasheet HTML 17Page - STMicroelectronics ST485EBD Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ST485EB - ST485EC - ST485EX
Package mechanical data
15/18
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B0.33
0.51
0.013
0.020
C0.19
0.25
0.007
0.010
D4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
8° (max.)
ddd
0.1
0.04
SO-8 mechanical data
0016023/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18