| Moteur de recherche de fiches techniques de composants électroniques |
|
ST202EBWR Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST202EBWR Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() ST202EB - ST202EC - ST232EB - ST232EC Pin configuration 3/18 1 Pin configuration Figure 1. Pin connections (top view) Table 2. Pin description Pin n° Symbol Note 1C1+ Positive terminal for the first charge pump capacitor 2 V+ Doubled voltage terminal 3C1- Negative terminal for the first charge pump capacitor 4C2+ Positive terminal for the second charge pump capacitor 5C2- Negative terminal for the second charge pump capacitor 6 V- Inverted voltage terminal 7T2OUT Second transmitter output voltage 8R2IN Second receiver input voltage 9R2OUT Second receiver output voltage 10 T2IN Second transmitter input voltage 11 T1IN First transmitter input voltage 12 R1OUT First receiver output voltage 13 R1IN First receiver input voltage 14 T1OUT First transmitter output voltage 15 GND Ground 16 VCC Supply voltage |