Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T93 Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 43Page - STMicroelectronics M41T93 Datasheet HTML 44Page - STMicroelectronics M41T93 Datasheet HTML 45Page - STMicroelectronics M41T93 Datasheet HTML 46Page - STMicroelectronics M41T93 Datasheet HTML 47Page - STMicroelectronics M41T93 Datasheet HTML 48Page - STMicroelectronics M41T93 Datasheet HTML 49Page - STMicroelectronics M41T93 Datasheet HTML 50Page - STMicroelectronics M41T93 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Revision history
M41T93
50/51
9
Revision history
Table 26.
Document revision history
Date
Revision
Changes
07-Aug-2006
1
Initial release.
08-May-2007
2
Document status upgraded to full datasheet; updated Figure 11:
Clock accuracy vs. on-chip load capacitors; Section 3.16;
Section 3.4.1; Table 1, 15, and 18, Figure 3 and 23; added Figure 17:
ICC2 vs. temperature. Micro Crystal information added (Table 19).
22-Oct-2007
3
Updated Features on cover page; minor formatting changes;
modified footnote 1 in Table 19; added Section 8: References.
15-Aug-2008
4
Removed references to SPI bus mode 3 operation (updated cover
page, Figure 5, 6, Section 1.1.3, Section 2.1); minor formatting
changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51