| Moteur de recherche de fiches techniques de composants électroniques |
|
LM358WDT Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM358WDT Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 18 page ![]() Absolute maximum ratings and operating conditions LM158W-LM258W-LM358W 4/18 Table 2. Operating conditions Symbol Parameter Value Unit VCC + Supply voltage 3 to 30 V Vicm Common mode input voltage range VDD -0.3 to VCC -1.5 V Toper Operating free air temperature range LM158W LM258W LM358W -55 to +125 -40 to +105 0 to +70 °C |