| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T0 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T0 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 22 page ![]() M41T0 Operation 11/22 2.3 WRITE mode In this mode the master transmitter transmits to the M41T0 slave receiver. Bus protocol is shown in Figure 10 on page 12. Following the START condition and slave address, a logic '0' (R/W = 0) is placed on the bus and indicates to the addressed device that word address An will follow and is to be written to the on-chip address pointer. The data word to be written to the memory is strobed in next and the internal address pointer is incremented to the next memory location within the RAM on the reception of an acknowledge clock. The M41T0 slave receiver will send an acknowledge clock to the master transmitter after it has received the slave address and again after it has received the word address and each data byte (see Figure 7). Figure 7. Slave address location Figure 8. READ mode sequence AI00602 R/W SLAVE ADDRESS START A 0 100 0 11 AI00899 BUS ACTIVITY: S P SDA LINE BUS ACTIVITY: MASTER DATA n DATA n+1 DATA n+X WORD ADDRESS (An) SLAVE ADDRESS S SLAVE ADDRESS |