Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS204IN Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LS204IN
Description  High performance dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204IN Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LS204IN Datasheet HTML 8Page - STMicroelectronics LS204IN Datasheet HTML 9Page - STMicroelectronics LS204IN Datasheet HTML 10Page - STMicroelectronics LS204IN Datasheet HTML 11Page - STMicroelectronics LS204IN Datasheet HTML 12Page - STMicroelectronics LS204IN Datasheet HTML 13Page - STMicroelectronics LS204IN Datasheet HTML 14Page - STMicroelectronics LS204IN Datasheet HTML 15Page - STMicroelectronics LS204IN Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LS204
Package information
13/16
5.1
DIP8 package information
Figure 16.
DIP8 package mechanical drawing
Table 8.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16