Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T00 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M41T00
Description  Serial real-time clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M41T00_08 Datasheet HTML 17Page - STMicroelectronics M41T00_08 Datasheet HTML 18Page - STMicroelectronics M41T00_08 Datasheet HTML 19Page - STMicroelectronics M41T00_08 Datasheet HTML 20Page - STMicroelectronics M41T00_08 Datasheet HTML 21Page - STMicroelectronics M41T00_08 Datasheet HTML 22Page - STMicroelectronics M41T00_08 Datasheet HTML 23Page - STMicroelectronics M41T00_08 Datasheet HTML 24Page - STMicroelectronics M41T00_08 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
M41T00
Package mechanical data
21/25
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25