Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6390D013TR Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L6390D013TR
Description  High-voltage high and low side driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6390D013TR Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L6390D013TR Datasheet HTML 14Page - STMicroelectronics L6390D013TR Datasheet HTML 15Page - STMicroelectronics L6390D013TR Datasheet HTML 16Page - STMicroelectronics L6390D013TR Datasheet HTML 17Page - STMicroelectronics L6390D013TR Datasheet HTML 18Page - STMicroelectronics L6390D013TR Datasheet HTML 19Page - STMicroelectronics L6390D013TR Datasheet HTML 20Page - STMicroelectronics L6390D013TR Datasheet HTML 21Page - STMicroelectronics L6390D013TR Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package mechanical data
L6390
20/22
Figure 9.
SO-16 narrow mechanical data and package dimensions
DIMENSIONS
REF.
mm
inch
MIN.
TYP. MAX. MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.004
0.008
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S
8° (max.)
PACKAGE AND
PACKING INFORMATION
SO-16
Weight: not available
16-LEAD SMALL OUTLINE
PACKAGE
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.009
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45
°
(typ.)
D(1)
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F(1)
3.8
4.0
0.150
0.157
G
4.60
5.30
0.181
0.208
L
0.4
1.27
0.150
0.050
M
0.62
0.024
S8
° (max.)
(1) "D" and "F" do not include mold flash or protrusions - Mold
flash or protrusions shall not exceed 0.15mm (.006inc.)
SO16 (Narrow)
0016020 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22