| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54AWFILM Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT54AWFILM Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 13 page ![]() Ordering information BAT54 Series 12/13 4 Ordering information 5 Revision history Part Number Marking Package Weight Base qty Delivery mode BAT54FILM D86 SOT-23 Single 10 mg 3000 Tape and reel BAT54SFILM D88 SOT-23 Serial 10 mg 3000 Tape and reel BAT54CFILM D87 SOT-23 Common cathode 10 mg 3000 Tape and reel BAT54AFILM D84 SOT-23 Common anode 10 mg 3000 Tape and reel BAT54WFILM D73 SOT-323 Single 6 mg 3000 Tape and reel BAT54SWFILM D78 SOT-323 Serial 6 mg 3000 Tape and reel BAT54CWFILM D77 SOT-323 Common cathode 6 mg 3000 Tape and reel BAT54AWFILM D74 SOT-323 Common anode 6 mg 3000 Tape and reel BAT54JFILM 86 SOD-323 5 mg 3000 Tape and reel BAT54KFILM 86 SOD-523 1.4 mg 3000 Tape and reel BAT54-07P6FILM P4 SOT-666 Parallel 2.9 mg 3000 Tape and reel BAT54-09P6FILM Q4 SOT-666 Opposite 2.9 mg 3000 Tape and reel BAT54ZFILM D72 SOD-123 10 mg 3000 Tape and reel Date Revision Description of Changes Jun-1999 8 Last update. 24-Jul-2006 9 BAT54, A, C, S and BAT54J / W / AW / CW /SW datasheets merged. ECOPACK statement added. SOD- 123, SOD-523 and SOT-666 packages added. |