Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce BAT54
Description  Small signal Schottky diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button BAT54_06 Datasheet HTML 5Page - STMicroelectronics BAT54_06 Datasheet HTML 6Page - STMicroelectronics BAT54_06 Datasheet HTML 7Page - STMicroelectronics BAT54_06 Datasheet HTML 8Page - STMicroelectronics BAT54_06 Datasheet HTML 9Page - STMicroelectronics BAT54_06 Datasheet HTML 10Page - STMicroelectronics BAT54_06 Datasheet HTML 11Page - STMicroelectronics BAT54_06 Datasheet HTML 12Page - STMicroelectronics BAT54_06 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
BAT54 Series
12/13
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
BAT54FILM
D86
SOT-23 Single
10 mg
3000
Tape and reel
BAT54SFILM
D88
SOT-23 Serial
10 mg
3000
Tape and reel
BAT54CFILM
D87
SOT-23
Common cathode
10 mg
3000
Tape and reel
BAT54AFILM
D84
SOT-23
Common anode
10 mg
3000
Tape and reel
BAT54WFILM
D73
SOT-323 Single
6 mg
3000
Tape and reel
BAT54SWFILM
D78
SOT-323 Serial
6 mg
3000
Tape and reel
BAT54CWFILM
D77
SOT-323
Common cathode
6 mg
3000
Tape and reel
BAT54AWFILM
D74
SOT-323
Common anode
6 mg
3000
Tape and reel
BAT54JFILM
86
SOD-323
5 mg
3000
Tape and reel
BAT54KFILM
86
SOD-523
1.4 mg
3000
Tape and reel
BAT54-07P6FILM
P4
SOT-666 Parallel
2.9 mg
3000
Tape and reel
BAT54-09P6FILM
Q4
SOT-666 Opposite
2.9 mg
3000
Tape and reel
BAT54ZFILM
D72
SOD-123
10 mg
3000
Tape and reel
Date
Revision
Description of Changes
Jun-1999
8
Last update.
24-Jul-2006
9
BAT54, A, C, S and BAT54J / W / AW / CW /SW
datasheets merged. ECOPACK statement added. SOD-
123, SOD-523 and SOT-666 packages added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13