Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STW10NA50 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STW10NA50
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW10NA50 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STW10NA50 Datasheet HTML 3Page - STMicroelectronics STW10NA50 Datasheet HTML 4Page - STMicroelectronics STW10NA50 Datasheet HTML 5Page - STMicroelectronics STW10NA50 Datasheet HTML 6Page - STMicroelectronics STW10NA50 Datasheet HTML 7Page - STMicroelectronics STW10NA50 Datasheet HTML 8Page - STMicroelectronics STW10NA50 Datasheet HTML 9Page - STMicroelectronics STW10NA50 Datasheet HTML 10Page - STMicroelectronics STW10NA50 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
4.9
0.185
0.193
C
1.17
1.37
0.046
0.054
D
2.5
0.098
E
0.5
0.78
0.019
0.030
F
1.1
1.3
0.043
0.051
G
10.8
11.1
0.425
0.437
H
14.7
15.2
0.578
0.598
L2
–
16.2
–
0.637
L3
18
0.708
L5
3.95
4.15
0.155
0.163
L6
31
1.220
R
–
12.2
–
0.480
Ø
4
4.1
0.157
0.161
R
L6
Ø
L3
L2
L5
123
TO-218 (SOT-93) MECHANICAL DATA
P025A
STH10NA50/FI STW10NA50
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11