Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STH12NA60 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STH12NA60
Description  N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH12NA60 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STH12NA60 Datasheet HTML 3Page - STMicroelectronics STH12NA60 Datasheet HTML 4Page - STMicroelectronics STH12NA60 Datasheet HTML 5Page - STMicroelectronics STH12NA60 Datasheet HTML 6Page - STMicroelectronics STH12NA60 Datasheet HTML 7Page - STMicroelectronics STH12NA60 Datasheet HTML 8Page - STMicroelectronics STH12NA60 Datasheet HTML 9Page - STMicroelectronics STH12NA60 Datasheet HTML 10Page - STMicroelectronics STH12NA60 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
5.3
0.185
0.208
A1
2.87
0.113
A2
1.5
2.5
0.059
0.098
b
1
1.4
0.039
0.055
b1
2.25
0.088
b2
3.05
3.43
0.120
0.135
C
0.4
0.8
0.015
0.031
D
20.4
21.18
0.803
0.833
e
5.43
5.47
0.213
0.215
E
15.3
15.95
0.602
0.628
L
15.57
0.613
L1
3.7
4.3
0.145
0.169
Q
5.3
5.84
0.208
0.230
ØP
3.5
3.71
0.137
0.146
D
Q
ø
L
L1
TO-247 MECHANICAL DATA
STH12NA60/FI - STW12NA60
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11