Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F400B Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce AM29F400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400B Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button AM29F400B_00 Datasheet HTML 34Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 35Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 36Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 37Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 38Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 39Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 40Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 41Page - Advanced Micro Devices AM29F400B_00 Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
38
Am29F400B
PHYSICAL DIMENSIONS
TSR048—48-Pin Reverse Thin Small Outline Package
Dwg rev AA; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42