Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EUY2770M Fiches technique(PDF) 3 Page - SunLED Corporation

No de pièce EUY2770M
Description  8.89mmx8.89mm LED LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNLED [SunLED Corporation]
Site Internet  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EUY2770M Fiches technique(HTML) 3 Page - SunLED Corporation

  EUY2770M Datasheet HTML 1Page - SunLED Corporation EUY2770M Datasheet HTML 2Page - SunLED Corporation EUY2770M Datasheet HTML 3Page - SunLED Corporation EUY2770M Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 19, 2008
Drawing No : SDSA3888
V3
Checked : Shin Chi
P.3/4
Part Number:
EUY2770M
8.89mmx8.89mm LED LIGHT BAR
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4